Part Number Hot Search : 
MP7528JN AX690 647180X PM0007 0257002 2SA1025 4069UB 91600
Product Description
Full Text Search
 

To Download 6EP1331-2BA00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sitop power supplies domestic and international applications ?standard line selection 789 discount code: sitop siemens industrial control products power supplies 14 previous page: 800 catalog: pc technical specifications standard line with stand. harm. level standard line with extra low harm. level standard line/et200x sitop power dc 24v/5a dc 24v/10a dc 24v/2a dc 24v/5a dc 24v/10a dc 24v/10a catalog no 6ep1333-2aa00 6ep1334-2aa00 6EP1331-2BA00 6ep1333-2ba00 6ep1334-2ba00 6ep1334-2ca00 rated input voltage ac 120v/230v ac 120v/230v ac 120v/230v ac 120v/230v ac 120v/230v ac 120v/230v range 93?32v/187?64v 85?32v/187?64v 93?32v/187?64v 93?32v/187?64v 85?32v/187?64v 93?32v/187?64v hold up time 20 ms 20 ms 10 ms 10 ms 10 ms 20 ms ac input frequency 47?3hz 47?3hz 47?3hz 47?3hz 47?3hz 47?3hz rated input current 2.2/1.3a 5.5/3.2a 0.9/0.6a 2.2/0.9a 5.5/2.1a 4.3/2.6a inrush current 25? (77?) 32a 65a 14a 32a 65a 65a line side protection 5sx2106-7 5sx2110-7 5sx2103-7 5sx2106-7 5sx2110-7 5sx2116-7 load side protection self-protected self-protected self-protected self-protected self-protected self-protected rated output voltage 24v dc 1% 24v 1% 24v dc 1% 24v dc 1% 24v 1% 24v dc 3% adjustable range 22.8?6.4v 22.8?6.4v 22.8?6.4v 22.8?6.4v 22.8?6.4v fixed rated output current 5a (140?) 10a (140?) 12a (113?) 2a (140?) 5a (140?) 10a (140?) 12a (113?) 10a (104?) 8a (131?) efficiency approx. 87% 89% 82% 87% 89% 87% parallel connection possible yes yes yes yes yes yes rfi specification en50081-1 (class b) en50081-1 (class b) en50081-1 (class b) en50081-1 (class b) en50081-1 (class b) en50081-2 (class a) degree of protection ip 20 ip 20 ip 20 ip 20 ip 20 ip 65 ambient temperature 32140? (060?) 32140? (060?) 32140? (060?) 32140? (060?) 32140? (060?) 32131? (060?) mounting din rail (35 7.5 mm) din rail (35 7.5 mm) din rail (35 7.5 mm) din rail (35 7.5 mm) din rail (35 7.5 mm) wall mounting connections at input awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 (solid/stranded) connections at output awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 (solid/stranded) dimensions 2.95 4.92 4.88 3.94 4.92 5.28 1.97 4.92 4.88 2.95 4.92 4.88 3.94 4.92 5.28 5.51 10.63 4.96 w h d inches (mm) (75 125 124) (100 125 134) (50 125 124) (75 125 124) (100 125 134) (140 270 126) approx wt lbs (kg) 1.3 (0.6) 1.8 (0.8) 0.9 (0.4) 1.7 (0.75) 2.4 (1.1) 3.7 (1.7) approvals ul, cul, ce ul, cul, ce ul, cul, ce ul, cul, ce ul, cul, ce ul, cul, ce price $ 275. 371. 178. 287. 391. 684. sitop power single-phase recommended circuit breaker for conductors. power supply itself does not require protection. according to ul 508. if used without et 200x, the accessory connector seal, part no. 6ep1971-2ca00 is required to achieve ip 65 degree of protection. optional: automatic restart or latching shut down. any mounting position is permitted. 6ep1333-2aa00 6ep1334-2aa00 6EP1331-2BA00 6ep1334-2ba00 6ep1333-2ba00 6ep1334-2ca00
sitop power supplies domestic and international applications ?standard line and basic line (s7-300 design) selection siemens industrial control products discount code: sitop 790 power supplies 14 6ep1332-2ba00 6ep1336-2ba00 6ep1331-1sl11 6ep1333-1sl11 6ep1334-1sl11 technical specifications standard line with extra low harm. level basic line (s7-300 design) sitop power dc 24v/class 2 dc 24v/20a dc 24v/2a dc 24v/5a dc 24v/10a catalog no 6ep1332-2ba00 6ep1336-2ba00 6ep1331-1sl11 6ep1333-1sl11 6ep1334-1sl11 rated input voltage ac 120v/230v ac 120v/230v ac 120v/230v ac 120v/230v ac 120v/230v range 93?32v/187?64v 93?32v/187?64v 93?32v/187?64v 93?32v/187?64v 93?32v/187?64v hold up time >10ms >10ms >20 ms >20 ms >20 ms ac input frequency 47?3hz 47?3hz 47?3hz 47?3hz 47?3hz rated input current 1.7/0.7a 8.0/3.3a 0.8/0.5a 2.0/1.0a 3.5/1.7a inrush current 25? (77?) <32a <81a <20a, <3 ms < 45, <3 ms <55a , <3 ms line side protection 5sx2110-7 5sx2116-7 5sx2106-7 5sx2110-7 5sx2116-71 load side protection self protected self protected self protected self protected self protected rated output voltage 24vdc 1% 24vdc 3% 24vdc 3% 24vdc 3% 24vdc 3% adjustable range fixed 22.8?6.4vdc fixed fixed fixed rated output current 3.8a (140?) 20a (131?) 2a (140?) 5a (140?) 10a (140?) efficiency approx. 87% 87% 83% 88% 87% parallel connection possible yes yes no no no rfi specification en50081-1 (class b) en50081-1 (class b) en50081-2 (class a) en50081-2 (class a) en50081-2 (class a) degree of protection ip 20 ip 20 ip 20 ip 20 ip 20 ambient temperature 32140? (060?) 32131? (055?) 32140? (060?) 32140? (060?) 32140? (060?) mounting din rail (35 7.5 mm) din rail (35 7.5 mm) din rail (35 15 mm) din rail (35 15 mm) din rail (35 x 15 mm) connections at input awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 (solid/stranded) connections at output awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 awg22?wg12 (solid/stranded) dimensions 2.95 4.92 4.88 11.0 4.9 3.6 1.97 4.92 5.31 3.15 4.92 5.31 7.87 x 4.92 x 5.31 w x h x d inches (mm) (75 125 124) (280 125 92) (50 125 135) (80 125 135) (200 x 125 x 135) approx wt lbs (kg) 1.7 (0.75) 5.3 (2.4) 0.9 (0.4) 1.5 (0.7) 2.6 (1.2) approvals ul, cul, ce, class 2 ul, cul, ce ul, cul, fm, ce ul, cul, fm, ce ul, cul, fm, ce price $ 287. 612. 204. 325. 499. sitop power single-phase note: basic line not for new development. see page 789 for latest models. recommended circuit breaker for conductors. power supply itself does not require protection. according to ul 508.


▲Up To Search▲   

 
Price & Availability of 6EP1331-2BA00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X